Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP5455GL Fiches technique(PDF) 15 Page - Monolithic Power Systems

No de pièce MP5455GL
Description  Peak Power Assist for Smart/AI-Enabled Speakers and Low-Power Applications
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5455GL Fiches technique(HTML) 15 Page - Monolithic Power Systems

Back Button MP5455GL Datasheet HTML 9Page - Monolithic Power Systems MP5455GL Datasheet HTML 10Page - Monolithic Power Systems MP5455GL Datasheet HTML 11Page - Monolithic Power Systems MP5455GL Datasheet HTML 12Page - Monolithic Power Systems MP5455GL Datasheet HTML 13Page - Monolithic Power Systems MP5455GL Datasheet HTML 14Page - Monolithic Power Systems MP5455GL Datasheet HTML 15Page - Monolithic Power Systems MP5455GL Datasheet HTML 16Page - Monolithic Power Systems MP5455GL Datasheet HTML 17Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
MP5455 – PEAK POWER ASSIST FOR LOW-POWER APPLICATIONS
MP5455 Rev. 1.01
www.MonolithicPower.com
15
2/2/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Design Example
Table 5 shows a design example following the
application guidelines for the specifications below.
Table 5: Design Example
Parameter
Symbol
Value
Units
Input voltage
VIN
3.5
V
Charge voltage
VSTRG
23.5
V
Bus release
voltage
VRLS
3.2
V
Boost inductor
peak current
ICHARGE
0.4
A
Buck max output
current
IRELEASE
2
A
The detailed application schematic is shown in
Figure 7. The typical performance and circuit
waveforms are shown in the Typical Performance
Characteristics
section.
For
more
device
applications,
please
refer
to
the
related
evaluation board datasheets.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17