Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP4051 Fiches technique(PDF) 13 Page - Monolithic Power Systems

No de pièce MP4051
Description  Non-isolated Solution Offline LED Controller with Active PFC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4051 Fiches technique(HTML) 13 Page - Monolithic Power Systems

Back Button MP4051 Datasheet HTML 8Page - Monolithic Power Systems MP4051 Datasheet HTML 9Page - Monolithic Power Systems MP4051 Datasheet HTML 10Page - Monolithic Power Systems MP4051 Datasheet HTML 11Page - Monolithic Power Systems MP4051 Datasheet HTML 12Page - Monolithic Power Systems MP4051 Datasheet HTML 13Page - Monolithic Power Systems MP4051 Datasheet HTML 14Page - Monolithic Power Systems MP4051 Datasheet HTML 15Page - Monolithic Power Systems MP4051 Datasheet HTML 16Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
MP4051—NON-ISOLATED OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4051 Rev. 1.01
www.MonolithicPower.com
13
1/21/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The OCP setting point can be calculated as:
⋅⋅
=
+
OCP2
PRI_ OCP
CS
D
OCP1
OCP2
R
IR
V
0.6V
RR
IPRI_OCP—Primary-side over current protection
point.
For some applications, the inductor value is very
small, the minimal-off time feature could make
the system work in DCM at the zero-crossing of
the BUS voltage. To improve the OCP function in
this condition, please remove CZCD and reduce
the value of RZCD1 and RZCD2 proportionally.
Thermal Shut Down
To prevent from any lethal thermal damage,
when the inner temperature exceeds OTP
threshold, the MP4051 shuts down switching
cycle and latched until VCC drop below UVLO
and restart again.
Design Example
For the design example, please refer to MPS
application note AN0xx for the detailed design
procedure and information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16