| Moteur de recherche de fiches techniques de composants électroniques |
|
MP4032-2GS Fiches technique(PDF) 3 Page - Monolithic Power Systems |
|
|
|||||||||||||||||||||||||||||
MP4032-2GS Fiches technique(HTML) 3 Page - Monolithic Power Systems |
|
3 / 20 page ![]() MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET MP4032-2 Rev.1.01 www.MonolithicPower.com 3 10/23/2014 MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited. © 2014 MPS. All Rights Reserved. ORDERING INFORMATION Part Number* Package Top Marking MP4032-2GS SOIC8-7A MP4032-2 * For Tape & Reel, add suffix –Z (e.g. MP4032-2GS–Z) PACKAGE REFERENCE COMP MULT ZCD VCC DRAIN CS GND 1 2 3 4 8 6 5 TOP VIEW SOIC8-7A ABSOLUTE MAXIMUM RATINGS (1) VCC ................................................-0.3V to +30V ZCD Pin .............................................-7V to +7V Drain-Source Voltage .................-0.3V to +600V Continue Drain Current (2) .............................. 1A Other Analog Inputs and Outputs ...-0.3V to +7V Continuous Power Dissipation (TA = +25°C) (3) ............................................................. 1.3W Junction Temperature...............................150°C Lead Temperature ....................................260°C Storage Temperature............... -65°C to +150°C Recommended Operating Conditions (4) Supply Voltage VCC ........................10.3V to 27V Thermal Resistance (5) θJA θJC SOIC8-7A................................96 ...... 45 ... °C/W Notes: 1) Exceeding these ratings may damage the device. 2) Guaranteed by design. 3) The maximum allowable power dissipation is a function of the maximum junction temperature TJ(MAX), the junction-to- ambient thermal resistance θJA, and the ambient temperature TA. The maximum allowable continuous power dissipation at any ambient temperature is calculated by PD(MAX)=(TJ(MAX)- TA)/ θJA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. Internal thermal shutdown circuitry protects the device from permanent damage. 4) The device is not guaranteed to function outside of its operation conditions. 5) Measured on JESD51-7 4-layer board. |