Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

VC-8200 Fiches technique(PDF) 2 Page - Lightel Technologies INC.

No de pièce VC-8200
Description  The one comprehensive tool for field inspection, analysis and cleaning.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LIGHTEL [Lightel Technologies INC.]
Site Internet  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

VC-8200 Fiches technique(HTML) 2 Page - Lightel Technologies INC.

  VC-8200 Datasheet HTML 1Page - Lightel Technologies INC. VC-8200 Datasheet HTML 2Page - Lightel Technologies INC. VC-8200 Datasheet HTML 3Page - Lightel Technologies INC. VC-8200 Datasheet HTML 4Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ViewConn Pro is simple to use. The main screen
contains all the controls you need to view, capture and
analyze connectors. A focus bar and power indicator
are present in the lower right corner of the screen.
You can
digitally zoom the
connector for a closer look.
Individualize your power settings or
set up a
Wi-Fi connection.
Capturing an image is as
simple
as a touch of the screen.
With another touch you can shift to the
probe and
save images fromit.
Using ViewConn Pro



Html Pages

1 2 3 4