Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP6411GS Fiches technique(PDF) 10 Page - Monolithic Power Systems

No de pièce MP6411GS
Description  Windowed Watchdog Timer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6411GS Fiches technique(HTML) 10 Page - Monolithic Power Systems

Back Button MP6411GS Datasheet HTML 6Page - Monolithic Power Systems MP6411GS Datasheet HTML 7Page - Monolithic Power Systems MP6411GS Datasheet HTML 8Page - Monolithic Power Systems MP6411GS Datasheet HTML 9Page - Monolithic Power Systems MP6411GS Datasheet HTML 10Page - Monolithic Power Systems MP6411GS Datasheet HTML 11Page - Monolithic Power Systems MP6411GS Datasheet HTML 12Page - Monolithic Power Systems MP6411GS Datasheet HTML 13Page - Monolithic Power Systems MP6411GS Datasheet HTML 14Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
MP6411―WINDOWED WATCHDOG TIMER
MP6411 Rev. 1.1
www.MonolithicPower.com
10
1/24/2018
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2018 MPS. All Rights Reserved.
Synchronized by WDI and triggered in closed window (MODE=0, short window mode)
VCC
WDO
t0
WDI
t1
WDI_OK
t2
MODE
0
0
t6
WDI_OK
t1
1
Note: When the WDI_OK rising edge that comes at WDO is low, the t6 timer will be reset. Therefore, in
the situation above, the WDO reset signal maintains a t6+WDI_OK time.
Synchronized by WDI and triggered in open window (MODE=1, long window mode)
Synchronized by WDI and no trigger signal (MODE=1, long window mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14