Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP8845 Fiches technique(PDF) 12 Page - Monolithic Power Systems

No de pièce MP8845
Description  5A, Highly Efficient, Synchronous, Step-Down Switcher with I2C Interface
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MPS [Monolithic Power Systems]
Site Internet  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8845 Fiches technique(HTML) 12 Page - Monolithic Power Systems

Back Button MP8845 Datasheet HTML 8Page - Monolithic Power Systems MP8845 Datasheet HTML 9Page - Monolithic Power Systems MP8845 Datasheet HTML 10Page - Monolithic Power Systems MP8845 Datasheet HTML 11Page - Monolithic Power Systems MP8845 Datasheet HTML 12Page - Monolithic Power Systems MP8845 Datasheet HTML 13Page - Monolithic Power Systems MP8845 Datasheet HTML 14Page - Monolithic Power Systems MP8845 Datasheet HTML 15Page - Monolithic Power Systems MP8845 Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
MP8845
– 5A, HIGHLY EFFICIENT, SYNC, STEP-DOWN SWITCHER WITH I2C
MP8845 Rev. 1.1
www.MonolithicPower.com
12
2/23/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
PIN FUNCTIONS
Package
Pin #
Name
Description
A1
PG
Power good output.
A2
EN
On and off control.
A3
SCL
I
2C serial clock.
A4
VOUT
Output voltage sensing.
B1
SDA
I
2C serial data.
B2, B4, C1-C4
GND
Power ground.
B3
AGND
Analog ground.
D1, D2, E1, E2
VIN
Input supply voltage.
D3, D4, E3, E4
SW
Switch node.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23