| Moteur de recherche de fiches techniques de composants électroniques |
|
LXU-40C Fiches technique(PDF) 2 Page - PAIRUI GROUP INC. |
|
|
|||||||||||||||||||||||||||||
LXU-40C Fiches technique(HTML) 2 Page - PAIRUI GROUP INC. |
|
2 / 7 page ![]() PRODUCT SPECIFICATION led power supplies LED Power Supplies for Indoor Use LXU-40C SERIES, 40WATT, IP20 RATING Features 3 Year Warranty Universal Input Voltage Range: 100~240Vac Waterproof Rating IP20 Class II Power, no FG Applications Electrical Constant Current Output Mode Built-in Active Power Factor Correction √ Panel Light Down Light Recessed Light √ √ Cabinet Light √ Other Indoor used Lights √ Updated 2016-V1.0-1102 www.pairuigroup.com Page:1/6 PAIRUI ELECTRONICS Short Circuit, and Over Temperature Protections LX U 40 Series Name Input Voltage Range U = 100-240Vac Output Power(W) - C 700 C = Constant Current Mode Output Mode Output Current(mA) R ST Blank = Default Models R = No Flicker Flicker Strain ReliefSet |