Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCWCRDP.PC Fiches technique(PDF) 26 Page - OSRAM GmbH

No de pièce LCWCRDP.PC
Description  SMT ceramic package with silicone resin and silicone lens
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCWCRDP.PC Fiches technique(HTML) 26 Page - OSRAM GmbH

Back Button LCWCRDP.PC Datasheet HTML 21Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 22Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 23Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 24Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 25Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 26Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 27Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 28Page - OSRAM GmbH LCWCRDP.PC Datasheet HTML 29Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 26 / 29 page
background image
2014-01-10
26
Version 2.0
LCW CRDP.PC
Disclaimer
Disclaimer
Attention please!
The information describes the type of component and
shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved.
Due to technical requirements components may contain
dangerous substances.
For information on the types in question please contact
our Sales Organization.
If printed or downloaded, please find the latest version in
the Internet.
Packing
Please use the recycling operators known to you. We
can also help you – get in touch with your nearest sales
office.
By agreement we will take packing material back, if it is
sorted. You must bear the costs of transport. For
packing material that is returned to us unsorted or which
we are not obliged to accept, we shall have to invoice
you for any costs incurred.
Components used in life-support devices or
systems must be expressly authorized for such
purpose!
Critical components* may only be used in life-support
devices** or systems with the express written approval
of OSRAM OS.
*) A critical component is a component used in a
life-support device or system whose failure can
reasonably be expected to cause the failure of that
life-support device or system, or to affect its safety or the
effectiveness of that device or system.
**) Life support devices or systems are intended (a) to be
implanted in the human body, or (b) to support and/or
maintain and sustain human life. If they fail, it is
reasonable to assume that the health and the life of the
user may be endangered.
Bitte beachten!
Lieferbedingungen und Änderungen im Design
vorbehalten. Aufgrund technischer Anforderungen
können die Bauteile Gefahrstoffe enthalten. Für weitere
Informationen zu gewünschten Bauteilen, wenden Sie
sich bitte an unseren Vertrieb. Falls Sie dieses
Datenblatt ausgedruckt oder heruntergeladen haben,
finden Sie die aktuellste Version im Internet.
Verpackung
Benutzen Sie bitte die Ihnen bekannten Recyclingwege.
Wenn diese nicht bekannt sein sollten, wenden Sie sich
bitte an das nächstgelegene Vertriebsbüro. Wir nehmen
das Verpackungsmaterial zurück, falls dies vereinbart
wurde und das Material sortiert ist. Sie tragen die
Transportkosten. Für Verpackungsmaterial, das
unsortiert an uns zurückgeschickt wird oder das wir nicht
annehmen müssen, stellen wir Ihnen die anfallenden
Kosten in Rechnung.
Bauteile, die in lebenserhaltenden Apparaten und
Systemen eingesetzt werden, müssen für diese
Zwecke ausdrücklich zugelassen sein!
Kritische Bauteile* dürfen in lebenserhaltenden
Apparaten und Systemen** nur dann eingesetzt
werden, wenn ein schriftliches Einverständnis von
OSRAM OS vorliegt.
*) Ein kritisches Bauteil ist ein Bauteil, das in
lebenserhaltenden
Apparaten
oder
Systemen
eingesetzt wird und dessen Defekt voraussichtlich zu
einer Fehlfunktion dieses lebenserhaltenden Apparates
oder Systems führen wird oder die Sicherheit oder
Effektivität
dieses
Apparates
oder
Systems
beeinträchtigt.
**) Lebenserhaltende Apparate oder Systeme sind für
(a) die Implantierung in den menschlichen Körper oder
(b) für die Lebenserhaltung bestimmt. Falls Sie
versagen, kann davon ausgegangen werden, dass die
Gesundheit und das Leben des Patienten in Gefahr ist.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29