Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

NVSW119AT Fiches technique(PDF) 17 Page - NICHIA CORPORATION

No de pièce NVSW119AT
Description  SPECIFICATIONS FOR WHITE LED
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NICHIA [NICHIA CORPORATION]
Site Internet  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NVSW119AT Fiches technique(HTML) 17 Page - NICHIA CORPORATION

Back Button NVSW119AT Datasheet HTML 9Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 10Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 11Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 12Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 13Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 14Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 15Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 16Page - NICHIA CORPORATION NVSW119AT Datasheet HTML 17Page - NICHIA CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
NICHIA STS-DA1-1304B <Cat.No.110331>
16
(7) Cleaning
● If required, isopropyl alcohol (IPA) should be used. Other solvents may cause premature failure to the LEDs
due to the damage to the resin portion. The effects of such solvents should be verified prior to use.
In addition, the use of CFCs such as Freon is heavily regulated.
● Ultrasonic cleaning is not recommended for the LEDs since it may adversely effect on the LEDs
by the ultrasonic power and LED assembled condition.
If it is unavoidable, customer is advised to check prior to use that the cleaning will not damage the LEDs.
(8) Eye Safety
● The International Electrical Commission (IEC) published in 2006, IEC 62471:2006 Photobiological safety of lamps
and lamp systems which includes LEDs within its scope. Meanwhile LEDs were removed from the scope
of the IEC 60825-1:2007 laser safety standard, the 2001 edition of which included LED sources within its scope.
However, keep it mind that some countries and regions have adopted standards based on the IEC laser safety standard
IEC 60825-1:2001 which includes LEDs within its scope. Following IEC 62471:2006, most of Nichia LEDs can be classified
as belonging to either Exempt Group or Risk Group 1. Especially a high-power LED, that emits light containing blue wavelengths,
may be in Risk Group 2. Great care should be taken when viewing directly the LED driven at high current or the LED
with optical instruments, which greatly increase the hazard to your eyes.
● Viewing a flashing light may cause eye discomfort. When incorporating the LED into your product,
precaution should be taken to avoid adverse effect on human body caused by the light stimulus.
(9) Others
● The LEDs described in this brochure are intended to be used for ordinary electronic equipment (such as office equipment,
communications equipment, measurement instruments and household appliances).
Consult Nichia's sales staff in advance for information on the applications in which exceptional quality
and reliability are required, particularly when the failure or malfunction of the LEDs may directly jeopardize life or
health (such as for airplanes, aerospace, submersible repeaters, nuclear reactor control system, automobiles,
traffic control equipment, life support systems and safety devices).
● The customer shall not reverse engineer by disassembling or analysis of the LEDs without having prior written consent
from Nichia. When defective LEDs are found, the customer shall inform Nichia directly before disassembling or analysis.
● Customer and Nichia shall agree the official specification of supplied products prior to the start of a customer’s volume production.
● The appearance and specifications of the product may be modified for improvement without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17