Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ACT4529M Fiches technique(PDF) 9 Page - Active-Semi, Inc

No de pièce ACT4529M
Description  40V/3.0A CV/CC Buck Converter Featuring QC2.0, USB Auto-Detect and USB-PD
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ACTIVE-SEMI [Active-Semi, Inc]
Site Internet  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4529M Fiches technique(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4529M Datasheet HTML 5Page - Active-Semi, Inc ACT4529M Datasheet HTML 6Page - Active-Semi, Inc ACT4529M Datasheet HTML 7Page - Active-Semi, Inc ACT4529M Datasheet HTML 8Page - Active-Semi, Inc ACT4529M Datasheet HTML 9Page - Active-Semi, Inc ACT4529M Datasheet HTML 10Page - Active-Semi, Inc ACT4529M Datasheet HTML 11Page - Active-Semi, Inc ACT4529M Datasheet HTML 12Page - Active-Semi, Inc ACT4529M Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
ACT4529M
Rev 1, 23-Feb-17
Innovative PowerTM
- 9 -
www.active-semi.com
Copyright © 2016-2017 Active-Semi, Inc.
Current Sense Resistors
The traces leading to and from the sense resistor
can be significant error sources. With small value
sense resistors, trace resistance shared with the
load can cause significant errors. It is recommended
to connect the sense resistor pads directly to the
CSP and CSN pins using “Kelvin” or “4-wire”
connection techniques as shown below.
Current Limit Setting
When the output current reaches current limit, the IC
limits the peak switch current on a cycle-by-cycle
basis. This reduces the output voltage to keep the
output current at a constant value.
The following equation calculates the peak
current limit.
Where Rcs is current sense resistor.
The maximum output current is defined by
APPLICATIONS INFORMATION
(6)
(7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15