Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AH289BPL Fiches technique(PDF) 2 Page - Anachip Corp

No de pièce AH289BPL
Description  High Voltage Hall-Effect Smart Fan Motor Controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANACHIP [Anachip Corp]
Site Internet  
Logo ANACHIP - Anachip Corp

AH289BPL Fiches technique(HTML) 2 Page - Anachip Corp

  AH289BPL Datasheet HTML 1Page - Anachip Corp AH289BPL Datasheet HTML 2Page - Anachip Corp AH289BPL Datasheet HTML 3Page - Anachip Corp AH289BPL Datasheet HTML 4Page - Anachip Corp AH289BPL Datasheet HTML 5Page - Anachip Corp AH289BPL Datasheet HTML 6Page - Anachip Corp AH289BPL Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AH289
High Voltage Hall-Effect Smart Fan Motor Controller
Anachip Corp.
www.anachip.com.tw
Rev 0.1 Jan 17, 2005
2/7
Block Diagram (SIP5)
Hall
Plate
Control Logic
Regulator
Lock shutdown
and
Automatic recovery
VCC
GND
DOB
DO
Amp.
2
3
4
5
1
RD
Typical Application Circuit (SIP5)
289
1
5
4
3
2
Vcc
(24V)
Coil2
Coil1
Rpu
RD
(alarm)
GND
D2
48V
48V
D1
C1=1uF
24V DC Brush-less Fan with RD output function



Html Pages

1 2 3 4 5 6 7