| Moteur de recherche de fiches techniques de composants électroniques |
|
VSC837UG Fiches technique(PDF) 13 Page - Vitesse Semiconductor Corporation |
|
|
|||||||||||||||||||||||||||||
VSC837UG Fiches technique(HTML) 13 Page - Vitesse Semiconductor Corporation |
|
13 / 26 page ![]() VITESSE SEMICONDUCTOR CORPORATION Preliminary Data Sheet VSC837 3.2Gb/s 68x68 Crosspoint Switch G52309-0, Rev 3.0 Page 13 02/16/01 © VITESSE SEMICONDUCTOR CORPORATION • 741 Calle Plano • Camarillo, CA 93012 Tel: (800) VITESSE • FAX: (805) 987-5896 • Email: prodinfo@vitesse.com Internet: www.vitesse.com A36 D14 High-Speed Data Input Channel 36, True PECL A37 AH14 High-Speed Data Input Channel 37, True PECL A38 B14 High-Speed Data Input Channel 38, True PECL A39 AF14 High-Speed Data Input Channel 39, True PECL A40 D13 High-Speed Data Input Channel 40, True PECL A41 AH13 High-Speed Data Input Channel 41, True PECL A42 B13 High-Speed Data Input Channel 42, True PECL A43 AF13 High-Speed Data Input Channel 43, True PECL A44 D12 High-Speed Data Input Channel 44, True PECL A45 AH12 High-Speed Data Input Channel 45, True PECL A46 B12 High-Speed Data Input Channel 46, True PECL A47 AF12 High-Speed Data Input Channel 47, True PECL A48 D11 High-Speed Data Input Channel 48, True PECL A49 AH11 High-Speed Data Input Channel 49, True PECL A50 B11 High-Speed Data Input Channel 50, True PECL A51 AF11 High-Speed Data Input Channel 51, True PECL A52 D10 High-Speed Data Input Channel 52, True PECL A53 AH10 High-Speed Data Input Channel 53, True PECL A54 B10 High-Speed Data Input Channel 54, True PECL A55 AF10 High-Speed Data Input Channel 55, True PECL A56 D9 High-Speed Data Input Channel 56, True PECL A57 AH9 High-Speed Data Input Channel 57, True PECL A58 B9 High-Speed Data Input Channel 58, True PECL A59 AF9 High-Speed Data Input Channel 59, True PECL A60 D8 High-Speed Data Input Channel 60, True PECL A61 AH8 High-Speed Data Input Channel 61, True PECL A62 B8 High-Speed Data Input Channel 62, True PECL A63 AF8 High-Speed Data Input Channel 63, True PECL A64 D7 High-Speed Data Input Channel 64, True PECL A65 AH7 High-Speed Data Input Channel 65, True PECL A66 B7 High-Speed Data Input Channel 66 True PECL A67 AF7 High-Speed Data Input Channel 67, True PECL AN0 E23 High-Speed Data Input Channel 0, Complement PECL AN1 AJ23 High-Speed Data Input Channel 1, Complement PECL AN2 A23 High-Speed Data Input Channel 2, Complement PECL AN3 AE23 High-Speed Data Input Channel 3, Complement PECL AN4 E22 High-Speed Data Input Channel 4, Complement PECL AN5 AJ22 High-Speed Data Input Channel 5, Complement PECL AN6 A22 High-Speed Data Input Channel 6, Complement PECL Signal Name Pin Function Level |