Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST52T410 Fiches technique(PDF) 62 Page - STMicroelectronics

No de pièce ST52T410
Description  8-BIT INTELLIGENT CONTROLLER UNIT (ICU) Three Timer/PWMs, ADC, WDG
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST52T410 Fiches technique(HTML) 62 Page - STMicroelectronics

Back Button ST52T410 Datasheet HTML 58Page - STMicroelectronics ST52T410 Datasheet HTML 59Page - STMicroelectronics ST52T410 Datasheet HTML 60Page - STMicroelectronics ST52T410 Datasheet HTML 61Page - STMicroelectronics ST52T410 Datasheet HTML 62Page - STMicroelectronics ST52T410 Datasheet HTML 63Page - STMicroelectronics ST52T410 Datasheet HTML 64Page - STMicroelectronics ST52T410 Datasheet HTML 65Page - STMicroelectronics ST52T410 Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 84 page
background image
ST52T410/ST52T420/E420
62/84
Figure 10.11 Configuration register 11
Table 10.7 Config. Register 11 Description
Bit
Name
Value
Description
0
PRESC2
00000
TIMER2 Clock = CLKM / 1
00001
TIMER2 Clock = CLKM / 2
00010
TIMER2 Clock = CLKM / 4
1
00011
TIMER2 Clock = CLKM / 8
00100
TIMER2 Clock = CLKM / 16
00101
TIMER2 Clock = CLKM / 32
00110
TIMER2 Clock = CLKM / 64
2
00111
TIMER2 Clock = CLKM / 128
01000
TIMER2 Clock = CLKM / 256
01001
TIMER2 Clock = CLKM / 512
3
01010
TIMER2 Clock = CLKM /1024
01011
TIMER2 Clock = CLKM/ 2048
01100
TIMER2 Clock = CLKM/ 4096
4
01101
TIMER2 Clock = CLKM/ 8192
01110
TIMER2 Clock= CLKM/16384
01111
TIMER2 Clock =CLKM/32768
10000
TIMER2 Clock =CLKM/65536
5TMRW2
0
TIMER2OUT Waveform equal to pulse wave
1
TIMER2OUT Waveform equal to square wave
6
-
-
- not used
7
-
-
- not used
D7 D6 D5 D4 D3 D2 D1 D0
PRESC2: Timer 2 Prescaler
TMRW2: TIMER2OUT waveform
not used
REG_CONF 11
TIMER 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84