Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

DSOX6MASK Fiches technique(PDF) 20 Page - Keysight Technologies

No de pièce DSOX6MASK
Description  InfiniiVision 6000 X-Series Oscilloscopes
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

DSOX6MASK Fiches technique(HTML) 20 Page - Keysight Technologies

Back Button DSOX6MASK Datasheet HTML 16Page - Keysight Technologies DSOX6MASK Datasheet HTML 17Page - Keysight Technologies DSOX6MASK Datasheet HTML 18Page - Keysight Technologies DSOX6MASK Datasheet HTML 19Page - Keysight Technologies DSOX6MASK Datasheet HTML 20Page - Keysight Technologies DSOX6MASK Datasheet HTML 21Page - Keysight Technologies DSOX6MASK Datasheet HTML 22Page - Keysight Technologies DSOX6MASK Datasheet HTML 23Page - Keysight Technologies DSOX6MASK Datasheet HTML 24Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
20 | Keysight | InfiniiVision 6000 X-Series Oscilloscopes - Data Sheet
New Standard for Price Performance: Bandwidth, Visualization, and Integration
Integration (Continued)
Optional power measurements and analysis
When you are working with switching power supplies and
power devices, the power measurements application (Option
DSOX6PWR) provides a full suite of power measurements and
analysis in the oscilloscope. Included with Option DSOX6PWR
is a license for the U1881A PC-based power analysis software
package, which provides additional offline measurements and
report generation.
See www.keysight.com/find/DSOX6PWR for more information.
Automate your testing with optional USB 2.0
signal quality analysis
With the USB 2.0 signal quality test option (Option
DSOX6USBSQ), designers of systems with USB interfaces can
automate signal quality testing. This option supports low-speed,
full-speed, and hi-speed applications (hi-speed tests require an
oscilloscope with a bandwidth of at least 1.5 GHz). The USB 2.0
signal quality test with HTML pass/fail report generation includes
eye diagram mask testing, jitter analysis, EOP bit-width, signaling
rate, edge monotonicity, and rise/fall times — all based on official
USB-IF algorithms embedded in the oscilloscope.
See www.keysight.com/find/DSOX6USBSQ for more information.
Figure 43. Power quality analysis screenshot.
Figure 44. USB 2.0 Hi-speed near-end eye pattern test.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45