| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1253-ADJI/MS Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1253-ADJI/MS Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 18 page ![]() 2002 Microchip Technology Inc. DS21752A-page 13 MCP1252/3 7.0 PACKAGING INFORMATION 7.1 Package Marking Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard OTP marking consists of Microchip part number, year code, week code, and traceability code. 8-Lead MSOP (Fixed) Example: XXXXX YWWNNN 1252SX 233025 8-Lead MSOP (Adjustable) Example: XXXXX YWWNNN 1253DJ 233025 |