| Moteur de recherche de fiches techniques de composants électroniques |
|
ICS8725YT Fiches technique(PDF) 6 Page - Integrated Circuit Systems |
|
|
|||||||||||||||||||||||||||||
ICS8725YT Fiches technique(HTML) 6 Page - Integrated Circuit Systems |
|
6 / 7 page ![]() 8725 www.icst.com/products/hiperclocks.html REV. A MARCH 5, 2001 6 Integrated Circuit Systems, Inc. ICS8725 1-TO-5 DIFFERENTIAL-TO-LVHSTL ZERO DELAY BUFFER PRELIMINARY PACKAGE OUTLINE - Y SUFFIX TABLE 7. PACKAGE DIMENISIONS N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S A B B M U M I N I ML A N I M O NM U M I X A M N 2 3 A 0 6 . 1 1 A 5 0 . 05 1 . 0 2 A 5 3 . 10 4 . 15 4 . 1 b 0 3 . 07 3 . 05 4 . 0 c 9 0 . 00 2 . 0 D C I S A B 0 0 . 9 1 D C I S A B 0 0 . 7 2 D 0 6 . 5 E C I S A B 0 0 . 9 1 E C I S A B 0 0 . 7 2 E 0 6 . 5 e C I S A B 0 8 . 0 L 5 4 . 00 6 . 05 7 . 0 q 0 ° 7 ° c c c 0 1 . 0 Reference Document: JEDEC Publication 95, MS-026 E E1 D1 D ccc C SEATING PLANE D2 -C- E2 e A N A1 A2 b c L θ 916 1 2 3 817 24 32 25 |