| Moteur de recherche de fiches techniques de composants électroniques |
|
5KP58C Fiches technique(PDF) 2 Page - Micro Commercial Components |
|
|
|||||||||||||||||||||||||||||
5KP58C Fiches technique(HTML) 2 Page - Micro Commercial Components |
|
2 / 4 page ![]() ELECTRICAL CHARACTERISTICS @25 °C MCC PART NUMBER REVERSE STAND-OFF VOLTAGE VWM BREAKDOWN VOLTAGE V(BR) @ IT (VOLTS) MAXIMUM CLAMPING VOLTAGE @ IPP PEAK PULSE CURRENT IPP MAXIMUM REVERSE LEAKAGE @VWM ID (VOLTS) MIN MAX IT (mA) (VOLTS) (AMPS) ( µA) 5KP5.0 5KP5.0C 5.0 6.40 7.30 50 9.6 520 5000 5KP5.0A 5KP5.0CA 5.0 6.40 7.00 50 9.2 543 5000 5KP6.0 5KP6.0C 6.0 6.67 8.15 50 11.4 439 5000 5KP6.0A 5KP6.0CA 6.0 6.67 7.37 50 10.3 485 5000 5KP6.5 5KP6.5C 6.5 7.22 8.82 50 12.3 407 2000 5KP6.5A 5KP6.5CA 6.5 7.22 7.98 50 11.2 447 2000 5KP7.0 5KP7.0C 7.0 7.78 9.51 50 13.3 378 1000 5KP7.0A 5KP7.0CA 7.0 7.78 8.60 50 12.0 417 1000 5KP7.5 5KP7.5C 7.5 8.33 10.2 5 14.3 350 250 5KP7.5A 5KP7.5CA 7.5 8.33 9.21 5 12.9 388 250 5KP8.0 5KP8.0C 8.0 8.89 10.9 5 15.0 333 150 5KP8.0A 5KP8.0CA 8.0 8.89 9.83 5 13.6 367 150 5KP8.5 5KP8.5C 8.5 9.44 11.5 5 15.9 314 50 5KP8.5A 5KP8.5CA 8.5 9.44 10.4 5 14.4 347 50 5KP9.0 5KP9.0C 9.0 10.0 12.2 5 16.9 295 20 5KP9.0A 5KP9.0CA 9.0 10.0 11.1 5 15.4 325 20 5KP10 5KP10C 10 11.1 13.6 5 18.8 266 15 5KP10A 5KP10CA 10 11.1 12.3 5 17.0 294 15 5KP11 5KP11C 11 12.2 14.9 5 20.1 249 10 5KP11A 5KP11CA 11 12.2 13.5 5 18.2 274 10 5KP12 5KP12C 12 13.3 16.3 5 22.0 227 10 5KP12A 5KP12CA 12 13.3 14.7 5 19.9 251 10 5KP13 5KP13C 13 14.4 17.6 5 23.8 210 10 5KP13A 5KP13CA 13 14.4 15.9 5 21.5 232 10 5KP14 5KP14C 14 15.6 19.1 5 25.8 194 10 5KP14A 5KP14CA 14 15.6 17.2 5 23.2 215 10 5KP15 5KP15C 15 16.7 20.4 5 26.9 188 10 5KP15A 5KP15CA 15 16.7 18.5 5 24.4 206 10 5KP16 5KP16C 16 17.8 21.8 5 28.8 176 10 5KP16A 5KP16CA 16 17.8 19.7 5 26.0 192 10 5KP17 5KP17C 17 18.9 23.1 5 30.5 164 10 5KP17A 5KP17CA 17 18.9 20.9 5 27.6 181 10 5KP18 5KP18C 18 20.0 24.4 5 32.2 155 10 5KP18A 5KP18CA 18 20.0 22.1 5 29.2 172 10 5KP20 5KP20C 20 22.2 27.1 5 35.8 139 10 5KP20A 5KP20CA 20 22.2 24.5 5 32.4 154 10 5KP22 5KP22C 22 24.4 29.8 5 39.4 127 10 5KP22A 5KP22CA 22 24.4 26.9 5 35.5 141 10 Figure 4 - Derating Curve Peak Pulse Power (% PPP) - Versus - Temperature °C Temperature °C 0 50 100 150 % PPP 50 100 Typical Capacitance (pf) – versus – Breakdown voltage Figure 3 - Typical Capacitance 1 10 100 1000 100 1,000 10,000 pf VBR 100,000 Measured at zero bias Measured at standoff voltage 5KP5.0(C) thru 5KP250(C)A Revision: G 201 5/12/30 www.mccsemi.com 2 of 4 UNI-POLAR BI-POLAR 175 Micro Commercial Components M C C TM |