Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MMBD301 Fiches technique(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce MMBD301
Description  Schottky Barrier Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

MMBD301 Fiches technique(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  MMBD301 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited MMBD301 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Production specification
Schottky Barrier Diodes
MMBD301
C136
www.gmesemi.com
Rev.B
2
PACKAGE OUTLINE
Plastic surface mounted package
SOT-23
SOLDERING FOOTPRINT
Unit : mm
PACKAGE INFORMATION
Device
Package
Shipping
MMBD301
SOT-23
3000/Tape&Reel
SOT-23
Dim
Min
Max
A
2.70
3.10
B
1.10
1.50
C
1.0 Typical
D
0.4 Typical
E
0.35
0.48
G
1.80
2.00
H
0.02
0.1
J
0.1 Typical
K
2.20
2.60
All Dimensions in mm
A
B
C
D
E
J
H
K
G
0.90
0.80
2.00
0.95
0.95



Html Pages

1 2