Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ICS2305 Fiches technique(PDF) 7 Page - Integrated Circuit Systems

No de pièce ICS2305
Description  3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ICST [Integrated Circuit Systems]
Site Internet  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS2305 Fiches technique(HTML) 7 Page - Integrated Circuit Systems

  ICS2305 Datasheet HTML 1Page - Integrated Circuit Systems ICS2305 Datasheet HTML 2Page - Integrated Circuit Systems ICS2305 Datasheet HTML 3Page - Integrated Circuit Systems ICS2305 Datasheet HTML 4Page - Integrated Circuit Systems ICS2305 Datasheet HTML 5Page - Integrated Circuit Systems ICS2305 Datasheet HTML 6Page - Integrated Circuit Systems ICS2305 Datasheet HTML 7Page - Integrated Circuit Systems ICS2305 Datasheet HTML 8Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
3.3 VOLT ZERO DELAY, LOW SKEW BUFFER
MDS 2305 D
7
Revision 022505
In te gr at ed Circuit Syst ems
● 5 25 Race St ree t, San Jose, CA 951 26 ● te l (40 8) 2 97-12 01 ● www.icst.com
ICS2305
Ordering Information
“LF” denotes Pb (lead free) package.
While the information presented herein has been checked for both accuracy and reliability, Integrated Circuit Systems (ICS) assumes no
responsibility for either its use or for the infringement of any patents or other rights of third parties, which would result from its use. No other
circuits, patents, or licenses are implied. This product is intended for use in normal commercial applications. Any other applications such as
those requiring extended temperature range, high reliability, or other extraordinary environmental requirements are not recommended without
additional processing by ICS. ICS reserves the right to change any circuitry or specifications without notice. ICS does not authorize or warrant
any ICS product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Shipping Packaging
Package
Temperature
ICS2305MI-1
2305MI-1
Tubes
8-pin SOIC
-40 to +85
° C
ICS2305MI-1T
2305MI-1
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS2305MI-1H
2305MI1H
Tubes
8-pin SOIC
-40 to +85
° C
ICS2305MI-1HT
2305MI1H
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS2305MI-1LF
2305MI1L
Tubes
8-pin SOIC
-40 to +85
° C
ICS2305MI-1LFT
2305MI1L
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS2305MI-1HLF
2305I1HL
Tubes
8-pin SOIC
-40 to +85
° C
ICS2305MI-1HLFT
2305I1HL
Tape and Reel
8-pin SOIC
-40 to +85
° C
ICS2305M-1
2305M-1
Tubes
8-pin SOIC
0 to +70
° C
ICS2305M-1T
2305M-1
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS2305M-1H
2305M-1H
Tubes
8-pin SOIC
0 to +70
° C
ICS2305M-1HT
2305M-1H
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS2305M-1LF
2305M1LF
Tubes
8-pin SOIC
0 to +70
° C
ICS2305M-1LFT
2305M1LF
Tape and Reel
8-pin SOIC
0 to +70
° C
ICS2305M-1HLF
2305M1HL
Tubes
8-pin SOIC
0 to +70
° C
ICS2305M-1HLFT
2305M1HL
Tape and Reel
8-pin SOIC
0 to +70
° C



Html Pages

1 2 3 4 5 6 7 8