| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5530A Fiches technique(PDF) 130 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5530A Fiches technique(HTML) 130 Page - National Semiconductor (TI) |
|
130 / 259 page ![]() www.national.com 130 Revision 1.1 Functional Description (Continued) 3 Assert Masked Internal IRQ3: 0 = Disable; 1 = Enable. 2:0 Reserved: Set to 0. F3BAR+Memory Offset 1Eh-1Fh Internal IRQ Mask Register (Write Only) Reset Value = xxxxh 15 Mask Internal IRQ15: 0 = Disable; 1 = Enable. 14 Mask Internal IRQ14: 0 = Disable; 1 = Enable. 13 Reserved: Set to 0. 12 Mask Internal IRQ12: 0 = Disable; 1 = Enable. 11 Mask Internal IRQ11: 0 = Disable; 1 = Enable. 10 Mask Internal IRQ10: 0 = Disable; 1 = Enable. 9 Mask Internal IRQ9: 0 = Disable; 1 = Enable. 8 Reserved: Set to 0. 7 Mask Internal IRQ7: 0 = Disable; 1 = Enable. 6 Reserved: Set to 0. 5 Mask Internal IRQ5: 0 = Disable; 1 = Enable. 4 Mask Internal IRQ4: 0 = Disable; 1 = Enable. 3 Mask Internal IRQ3: 0 = Disable; 1 = Enable. 2:0 Reserved: Set to 0. Table 3-70. IRQ Configuration Registers (Continued) Bit Description |