| Moteur de recherche de fiches techniques de composants électroniques |
|
CS5530A Fiches technique(PDF) 43 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
CS5530A Fiches technique(HTML) 43 Page - National Semiconductor (TI) |
|
43 / 259 page ![]() Revision 1.1 43 www.national.com Functional Description (Continued) 3.1.1 Display Subsystem Connections When aGX-series processorisusedinasystemwiththe CS5530A, the need for an external RAMDAC is eliminated. The CS5530A contains the DACs, a video accelerator engine, and the TFT interface. The CS5530A also supports both portable and desktop configurations. Figure 3-2 shows the signal connections for both types of systems. Figure 3-3 on page 44 details how PIXEL[17:0] on the pro- cessor connects with PIXEL[23:0] of the CS5530A. Figure 3-2. Portable/Desktop Display Subsystem Configurations DCLK PCLK FP_HSYNC FP_VSYNC ENA_DISP VID_RDY VID_CLK VID_DATA[7:0] PIXEL[17:12] PIXEL[11:6] HSYNC VSYNC R[5:0] G[5:0] B[5:0] CLK VDD 12VBKL Pin 13 Pin 14 Pin 3 Pin 2 Pin 1 Pwr Cntrl ENAB VGA Pin 15 Pin 12 Geode™ CS5530A I/O Companion DCLK PCLK FP_HSYNC FP_VSYNC ENA_DISP VID_RDY VID_CLK VID_DATA[7:0] PIXEL[23:18] PIXEL[15:10] PIXEL[5:0] VID_VAL CRT_HSYNC CRT_VSYNC PIXEL[7:2] VID_VAL HSYNC VSYNC FP_ENA_VDD FP_ENA_BKL FP_DISP_ENA_OUT FP_HSYNC_OUT FP_VSYNC_OUT FP_CLK FP_DATA[17:12] FP_DATA[11:6] FP_DATA[5:0] Logic HSYNC_OUT VSYNC_OUT IOUTR IOUTG IOUTB DDC_SCL DDC_SDA Note: Connect PIXEL[17:16] PIXEL[9:8], and PIXEL[1:0] on the CS5530A to ground. See Figure 3-3 "PIXEL Signal Connections" on page 44. Port Portable Configuration TFT Flat R[5:0] G[5:0] B[5:0] HSYNC VSYNC CLK TV NTSC/PAL Encoder Panel Geode™ Processor GX-Series Note |