| Moteur de recherche de fiches techniques de composants électroniques |
|
MCP1630 Fiches technique(PDF) 13 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MCP1630 Fiches technique(HTML) 13 Page - Microchip Technology |
|
13 / 18 page ![]() 2004 Microchip Technology Inc. DS21896A-page 13 MCP1630 6.0 PACKAGING INFORMATION 6.1 Package Marking Information Legend: XX...X Customer specific information* YY Year code (last 2 digits of calendar year) WW Week code (week of January 1 is week ‘01’) NNN Alphanumeric traceability code Note: In the event the full Microchip part number cannot be marked on one line, it will be carried over to the next line thus limiting the number of available characters for customer specific information. * Standard marking consists of Microchip part number, year code, week code, and traceability code. 8-Lead MSOP Example: XXXXX YWWNNN 1630E 412256 |