Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM272M Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce LM272M
Description  DUAL POWER OPERATIONAL AMPLIFIER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM272M Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button LM272M Datasheet HTML 2Page - STMicroelectronics LM272M Datasheet HTML 3Page - STMicroelectronics LM272M Datasheet HTML 4Page - STMicroelectronics LM272M Datasheet HTML 5Page - STMicroelectronics LM272M Datasheet HTML 6Page - STMicroelectronics LM272M Datasheet HTML 7Page - STMicroelectronics LM272M Datasheet HTML 8Page - STMicroelectronics LM272M Datasheet HTML 9Page - STMicroelectronics LM272M Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Figure 12 : Motor Current Control Circuit.
Note : The input voltage level is compatible with L291 (5-BIT D/A converter).
Figure 13 : Bidirectional Speed Control of DC Motors.
2R3
° R1
For circuit stability ensure that RX >
where RM = internal resistance of motor.
RM
Vs
2R
° R1
The voltage available at the terminals of the motor is VM =2 (Vi
⋅
)+
Ro ⋅ ΙM where Ro =
2RX
and IM is the motor current.
L272
6/10



Html Pages

1 2 3 4 5 6 7 8 9 10