Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTSB1.5/3-5.08 Fiches technique(PDF) 2 Page - International Rectifier

No de pièce MTSB1.5/3-5.08
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IRF [International Rectifier]
Site Internet  http://www.irf.com
Logo IRF - International Rectifier

MTSB1.5/3-5.08 Fiches technique(HTML) 2 Page - International Rectifier

  MTSB1.5/3-5.08 Datasheet HTML 1Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 2Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 3Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 4Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 5Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 6Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 7Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 8Page - International Rectifier MTSB1.5/3-5.08 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
www.irf.com
- 2 -
1. Features
 Drives 1 x 70W HID lamp
 Input voltage range: 185-265 VAC
 High Power Factor / Low Total Harmonic Distortion
 Controlled ignition
 Low frequency square wave operation
 Lamp power and current control
 Open circuit and no-lamp protection
 Short circuit and lamp failure to warm-up protection
 Lamp end-of-life shutdown
 IRS2573DSPbF HID Ballast Control IC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30