| Moteur de recherche de fiches techniques de composants électroniques |
|
DS2153Q Fiches technique(PDF) 39 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS2153Q Fiches technique(HTML) 39 Page - Dallas Semiconductor |
|
39 / 52 page ![]() DS2153Q 39 of 52 13.0 TIMING DIAGRAMS/SYNCHRONIZATION FLOWCHART/TRANSMIT DATA FLOW DIAGRAM RECEIVE SIDE TIMING Figure 13-1 NOTES: 1. RSYNC in the frame mode (RCR1.6=0). 2. RSYNC in the multiframe mode (RCR1.6=1). 3. RLCLK is programmed to output just the Sa4 bit. 4. RLINK will always output all five Sa bits as well as the rest of the receive data stream. 5. This diagram assumes the CAS MF begins with the FAS word. RECEIVE SIDE BOUNDARY TIMING (WITH ELASTIC STORES DISABLED) Figure 13-2 NOTES: 1. RCHBLK is programmed to block channel 2. 2. RLINK is programmed to output the Sa4 bits. 3. RLINK is programmed to output the SA4 and SA8 bits. 4. RLINK is programmed to output the Sa5 and Sa7 bits. 5. Shown is a non-align frame boundary. |