| Moteur de recherche de fiches techniques de composants électroniques |
|
CPC5621 Fiches technique(PDF) 14 Page - Clare, Inc. |
|
|
|||||||||||||||||||||||||||||
CPC5621 Fiches technique(HTML) 14 Page - Clare, Inc. |
|
14 / 18 page ![]() CPC5620/CPC5621 14 www.clare.com Rev. 0.E 4. Regulatory Information LITELINK can be used to build products that comply with the requirements of TIA/EIA/IS-968 (formerly FCC part 68), FCC part 15B, TBR-21, EN60950, UL1950, EN55022B, IEC950/IEC60950, CISPR22B, EN55024, and many other standards. LITELINK com- plies with the requirements of UL1577. LITELINK pro- vides supplementary isolation. Metallic surge requirements are met through the inclusion of a Sidac- tor in the application circuit. Longitudinal surge protec- tion is provided by LITELINK’s optical-across-the- barrier technology and the use of high-voltage compo- nents in the application circuit as needed. The information provided in this document is intended to inform the equipment designer but it is not sufficient to assure proper system design or regulatory compli- ance. Since it is the equipment manufacturer's responsibility to have their equipment properly designed to conform to all relevant regulations, designers using LITELINK are advised to carefully verify that their end-product design complies with all applicable safety, EMC, and other relevant standards and regulations. Semiconductor components are not rated to withstand electrical overstress or electro-static discharges resulting from inadequate protection mea- sures at the board or system level. 5. LITELINK Design Resources 5.1 Clare, Inc. Design Resources The Clare, Inc. web site has a wealth of information useful for designing with LITELINK, including applica- tion notes and reference designs that already meet all applicable regulatory requirements. LITELINK data sheets also contains additional application and design information. See the following links: LITELINK datasheets and reference designs Application note AN-107 LOCxx Series - Isolated Ampli- fier Design Principles Application note AN-114 ITC117P Application note AN-117 Customize Caller-ID Gain and Ring Detect Voltage Threshold for CPC5610/11 Application note AN-140, Understanding LITELINK Application note AN-141, Enhanced Pulse Dialing with LITELINK Application note AN-143, Loop Reversal Detection with LITELINK Application note AN-146, Guidelines for Effective LITELINK Designs Application note AN-147, Worldwide Application of LITELINK Application note AN-149, Increased LITELINK II Transmit Power Application note AN-150, Ground-start Supervision Cir- cuit Using IAA110. 5.2 Third Party Design Resources The following also contain information useful for DAA designs. All of the books are available on ama- zon.com. Understanding Telephone Electronics, Stephen J. Big- elow, et. al., Butterworth-Heinemann; ISBN: 0750671750 Newton’s Telecom Dictionary, Harry Newton, CMP Books; ISBN: 1578200695 Photodiode Amplifiers: Op Amp Solutions, Jerald Graeme, McGraw-Hill Professional Publishing; ISBN: 007024247X Teccor, Inc. Surge Protection Products United States Code of Federal Regulations, CFR 47 Part 68.3 |