Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CPC5620 Fiches technique(PDF) 14 Page - Clare, Inc.

No de pièce CPC5620
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CLARE [Clare, Inc.]
Site Internet  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5620 Fiches technique(HTML) 14 Page - Clare, Inc.

Back Button CPC5620 Datasheet HTML 10Page - Clare, Inc. CPC5620 Datasheet HTML 11Page - Clare, Inc. CPC5620 Datasheet HTML 12Page - Clare, Inc. CPC5620 Datasheet HTML 13Page - Clare, Inc. CPC5620 Datasheet HTML 14Page - Clare, Inc. CPC5620 Datasheet HTML 15Page - Clare, Inc. CPC5620 Datasheet HTML 16Page - Clare, Inc. CPC5620 Datasheet HTML 17Page - Clare, Inc. CPC5620 Datasheet HTML 18Page - Clare, Inc.  
Zoom Inzoom in Zoom Outzoom out
 14 / 18 page
background image
CPC5620/CPC5621
14
www.clare.com
Rev. 0.E
4. Regulatory Information
LITELINK can be used to build products that comply
with the requirements of TIA/EIA/IS-968 (formerly
FCC part 68), FCC part 15B, TBR-21, EN60950,
UL1950, EN55022B, IEC950/IEC60950, CISPR22B,
EN55024, and many other standards. LITELINK com-
plies with the requirements of UL1577. LITELINK pro-
vides supplementary isolation. Metallic surge
requirements are met through the inclusion of a Sidac-
tor in the application circuit. Longitudinal surge protec-
tion is provided by LITELINK’s optical-across-the-
barrier technology and the use of high-voltage compo-
nents in the application circuit as needed.
The information provided in this document is intended
to inform the equipment designer but it is not sufficient
to assure proper system design or regulatory compli-
ance. Since it is the equipment manufacturer's
responsibility to have their equipment properly
designed to conform to all relevant regulations,
designers using LITELINK are advised to carefully
verify that their end-product design complies with all
applicable safety, EMC, and other relevant standards
and regulations. Semiconductor components are not
rated to withstand electrical overstress or electro-static
discharges resulting from inadequate protection mea-
sures at the board or system level.
5. LITELINK Design Resources
5.1 Clare, Inc. Design Resources
The Clare, Inc. web site has a wealth of information
useful for designing with LITELINK, including applica-
tion notes and reference designs that already meet all
applicable regulatory requirements. LITELINK data
sheets also contains additional application and design
information. See the following links:
LITELINK datasheets and reference designs
Application note AN-107 LOCxx Series - Isolated Ampli-
fier Design Principles
Application note AN-114 ITC117P
Application note AN-117 Customize Caller-ID Gain and
Ring Detect Voltage Threshold for CPC5610/11
Application note AN-140, Understanding LITELINK
Application note AN-141, Enhanced Pulse Dialing with
LITELINK
Application note AN-143, Loop Reversal Detection with
LITELINK
Application note AN-146, Guidelines for Effective
LITELINK Designs
Application note AN-147, Worldwide Application of
LITELINK
Application note AN-149, Increased LITELINK II Transmit
Power
Application note AN-150, Ground-start Supervision Cir-
cuit Using IAA110.
5.2 Third Party Design Resources
The following also contain information useful for DAA
designs. All of the books are available on ama-
zon.com.
Understanding Telephone Electronics, Stephen J. Big-
elow, et. al., Butterworth-Heinemann; ISBN:
0750671750
Newton’s Telecom Dictionary, Harry Newton, CMP
Books; ISBN: 1578200695
Photodiode Amplifiers: Op Amp Solutions, Jerald
Graeme, McGraw-Hill Professional Publishing; ISBN:
007024247X
Teccor, Inc. Surge Protection Products
United States Code of Federal Regulations, CFR 47
Part 68.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18