Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BAS70WS Fiches technique(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

No de pièce BAS70WS
Description  Schottky barrier diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BILIN [Galaxy Semi-Conductor Holdings Limited]
Site Internet  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

BAS70WS Fiches technique(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  BAS70WS Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited BAS70WS Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited BAS70WS Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
Schottky barrier diodes
BAS70WS
B012
www.gmesemi.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOD-323
SOLDERING FOOTPRINT
Unit :mm
PACKAGE INFORMATION
Device
Package
Shipping
BAS70WS
SOD-323
3000/Tape&Reel
SOD-323
Dim
Min
Max
A
1.60
1.80
B
1.20
1.40
C
0.9 Max
D
0.30 Typical
E
0.22
0.42
H
0.02
0.1
J
0.1 Typical
K
2.55
2.75
All Dimensions in mm
1.60
0.63
0.83
2.85
D
A
K
C
B
H
J
E



Html Pages

1 2 3