Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

C13701 Fiches technique(PDF) 65 Page - Ledil, Inc.

No de pièce C13701
Description  Barbara Reflector
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C13701 Fiches technique(HTML) 65 Page - Ledil, Inc.

Back Button C13701 Datasheet HTML 57Page - Ledil, Inc. C13701 Datasheet HTML 58Page - Ledil, Inc. C13701 Datasheet HTML 59Page - Ledil, Inc. C13701 Datasheet HTML 60Page - Ledil, Inc. C13701 Datasheet HTML 61Page - Ledil, Inc. C13701 Datasheet HTML 62Page - Ledil, Inc. C13701 Datasheet HTML 63Page - Ledil, Inc. C13701 Datasheet HTML 64Page - Ledil, Inc. C13701 Datasheet HTML 65Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 65 / 65 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65