Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F13660 Fiches technique(PDF) 110 Page - Ledil, Inc.

No de pièce F13660
Description  Angelina Reflector
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13660 Fiches technique(HTML) 110 Page - Ledil, Inc.

Back Button F13660 Datasheet HTML 102Page - Ledil, Inc. F13660 Datasheet HTML 103Page - Ledil, Inc. F13660 Datasheet HTML 104Page - Ledil, Inc. F13660 Datasheet HTML 105Page - Ledil, Inc. F13660 Datasheet HTML 106Page - Ledil, Inc. F13660 Datasheet HTML 107Page - Ledil, Inc. F13660 Datasheet HTML 108Page - Ledil, Inc. F13660 Datasheet HTML 109Page - Ledil, Inc. F13660 Datasheet HTML 110Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 110 / 110 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More