Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F13660 Fiches technique(PDF) 1 Page - Ledil, Inc.

No de pièce F13660
Description  Angelina Reflector
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13660 Fiches technique(HTML) 1 Page - Ledil, Inc.

  F13660 Datasheet HTML 1Page - Ledil, Inc. F13660 Datasheet HTML 2Page - Ledil, Inc. F13660 Datasheet HTML 3Page - Ledil, Inc. F13660 Datasheet HTML 4Page - Ledil, Inc. F13660 Datasheet HTML 5Page - Ledil, Inc. F13660 Datasheet HTML 6Page - Ledil, Inc. F13660 Datasheet HTML 7Page - Ledil, Inc. F13660 Datasheet HTML 8Page - Ledil, Inc. F13660 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
PRODUCT DATASHEET
Angelina series
last update 12/4/2017
DETAILS
Product Number
F13660_ANGELINA-M-B
Family
Angelina
Type
Reflector
Color
metal
Diameter
82 mm
Height
31 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
12/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
-
sim: 0
Medium
-
sim: 0.000 -
BXRA ES Rectangle
38 deg
Medium
92 %
1.320
BJB: 47.319.2040
V18 Gen6
44 deg
Medium
93 %
1.100
BJB: 47.319.2274
V15 Gen6
41 deg
Medium
93 %
1.200
BJB: 47.319.2224
V18 Gen7
44 deg
Medium
93 %
1.100
BJB: 47.319.2350
CLL04x/CLU04x
sim: 37
Medium
sim: 95 % sim: 1.600 BJB: 47.319.2030
CLL03x/CLU03x
37 deg
Medium
92 %
1.400
BJB: 47.319.2021
CLL03x/CLU03x
39 deg
Medium
94 %
1.220
A.A.G. STUCCHI: 8101/G2
CLL04x/CLU04x
39 deg
Medium
94 %
1.200
A.A.G. STUCCHI: 8102/G2
CLU730/731
sim: 37
Medium
sim: 91 % sim: 1.570 BJB: 47.319.2030
CLU720/721
35 deg
Medium
94 %
1.300
A.A.G. STUCCHI: 8101/G2
CLU720/721
34 deg
Medium
94 %
1.400
BJB: 47.319.2021
CLL03x/CLU03x
43 deg
Medium
89 %
1.050
A.A.G. STUCCHI: 8101/G2
CLL04x/CLU04x
50 deg
Medium
87 %
0.920
A.A.G. STUCCHI: 8102/G2
CXA/B 30xx
45 deg
Medium
92 %
1.070
A.A.G. STUCCHI: 8404/G2
CXA/B 25xx
42 deg
Medium
93 %
1.140
A.A.G. STUCCHI: 8401/G2
CXA/B 25xx
44 deg
Medium
92 %
1.100
BJB: 47.319.2141
CXA/B 25xx
46 deg
Medium
89 %
0.990
BJB: 47.319.2141
COB 10W/13W/17W/24W
38 deg
Medium
93 %
1.300
BJB: 47.319.2080
COB 10W/13W/17W/24W
37 deg
Medium
94 %
1.280
A.A.G. STUCCHI: 8600/G2
COB 40W/60W
46 deg
Medium
91 %
1.050
A.A.G. STUCCHI: 8102/G2
LUXEON K16
44 deg
Medium
94 %
1.100
BJB: 47.319.2070
LUXEON K12
sim: 29
Medium
-
-
BJB: 47.319.2070
LUXEON CoB 1204/1205
38 deg
Medium
94 %
1.260
A.A.G. STUCCHI: 8301/G2
LUXEON CoB 1208
39 deg
Medium
94 %
1.230
A.A.G. STUCCHI: 8301/G2
February 8th 2018 2:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Numéro de pièce similaire - F13660

FabricantNo de pièceFiches techniqueDescription
logo
Ledil, Inc.
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
Angelina Reflector
logo
Cree, Inc
F13662 CREE-F13662 Datasheet
5Mb / 100P
ANGELA series
logo
Ledil, Inc.
F13662 LEDIL-F13662 Datasheet
9Mb / 19P
~10째 spot beam compatible with BJB connectors
F13662 LEDIL-F13662_18 Datasheet
9Mb / 19P
~10째 spot beam compatible with BJB connectors
logo
Cree, Inc
F13663 CREE-F13663 Datasheet
5Mb / 100P
ANGELA series
More results

Description similaire - F13660

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
ANGELINA series
FCN14647 CREE-FCN14647 Datasheet
1Mb / 30P
ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
ANGELINA series
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
ANGELINA series
FCN14385 CREE-FCN14385 Datasheet
559Kb / 7P
ANGELINA series
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
ANGELINA series
logo
Ledil, Inc.
FC13976 LEDIL-FC13976 Datasheet
1Mb / 21P
Angelina RefPack
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
Angelina RefPack
F13659 LEDIL-F13659 Datasheet
5Mb / 110P
Angelina Reflector
F13661 LEDIL-F13661 Datasheet
6Mb / 110P
Angelina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com