Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM12434CIWM Fiches technique(PDF) 48 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
No de pièce LM12434CIWM
Description  Sign Data Acquisition System with Serial I/O and Self-Calibration
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NSC [National Semiconductor (TI)]
Site Internet  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM12434CIWM Fiches technique(HTML) 48 Page - National Semiconductor (TI)

Back Button LM12434CIWM Datasheet HTML 44Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 45Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 46Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 47Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 48Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 49Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 50Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 51Page - National Semiconductor (TI) LM12434CIWM Datasheet HTML 52Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 80 page
background image
70 Digital Interface (Continued)
711 Examples of Interfacing to the HPC’s MICROWIREPLUS and 68HC11’s SPI
TLH11879 – 65
Note
Other device pins are not shown
FIGURE 12a LM12434 and LM12 L 438 Standard Mode Interface to the HPC’s MICROWIREPLUSTM
TLH11879 – 66
Note
Other device pins are not shown
FIGURE 12b LM12434 and LM12 L 438 Standard Mode Interface to the 68HC11’s SPI
48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80