Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29PL320DT70RWPI Fiches technique(PDF) 8 Page - SPANSION

No de pièce AM29PL320DT70RWPI
Description  32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SPANSION [SPANSION]
Site Internet  http://www.spansion.com
Logo SPANSION - SPANSION

AM29PL320DT70RWPI Fiches technique(HTML) 8 Page - SPANSION

Back Button AM29PL320DT70RWPI Datasheet HTML 4Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 5Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 6Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 7Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 8Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 9Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 10Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 11Page - SPANSION AM29PL320DT70RWPI Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
6
Am29PL320D
October 2, 2003
CONNECTION DIAGRAMS
Special Handling Instructions for FBGA
Package
Special handling is required for Flash Memory products
in FBGA packages.
Flash memory devices in FBGA packages may be
damaged if exposed to ultrasonic cleaning methods.
The package and/or data integrity may be compromised
if the package body is exposed to temperatures above
150
°C for prolonged periods of time.
C1
D1
E1
F1
G1
H1
B2
C2
D2
E2
F2
G2
H2
A3
B3
C3
D3
E3
F3
G3
H3
A4
B4
C4
D4
E4
F4
G4
H4
A5
B5
C5
D5
E5
F5
G5
H5
A6
B6
C6
D6
E6
F6
G6
H6
DQ8
A15
NC
NC
DQ31/A-1
NC
NC
WE#
NC
NC
NC
NC
NC
WP#
ACC
NC
A12
A11
NC
DQ2
A0
A3
A2
A1
DQ21
A8
DQ5
DQ18
DQ16
DQ0
A5
A4
DQ6
DQ7
DQ4
DQ19
VSS
DQ1
VCC
VSS
VCC
DQ20
J1
J2
K2
J3
K3
J4
K4
J5
K5
J6
K6
A14
A13
NC
NC
A9
A10
A7
B7
C7
D7
E7
F7
G7
H7
A8
B8
C8
D8
E8
F8
G8
H8
VSS
DQ24
DQ11
DQ28
DQ29
DQ15
VSS
CE#
DQ25
A18
DQ10
VSS
DQ14
OE#
WORD#
NC
J7
K7
J8
K8
VCC
A19
A17
A16
B9
C9
D9
E9
F9
G9
H9
DQ26
VCC
DQ27
DQ12
DQ13
VCC
DQ30
J9
DQ9
A6
A7
DQ23
VSS
DQ22
DQ3
VCC
DQ17
84-Ball FBGA
Top View, Balls Facing Down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50