Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMM205NR30 Fiches technique(PDF) 20 Page - Summit Microelectronics, Inc.

No de pièce SMM205NR30
Description  Dual Channel Supply Voltage Marginer and Active DC Output Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMMIT [Summit Microelectronics, Inc.]
Site Internet  http://www.summitmicro.com
Logo SUMMIT - Summit Microelectronics, Inc.

SMM205NR30 Fiches technique(HTML) 20 Page - Summit Microelectronics, Inc.

Back Button SMM205NR30 Datasheet HTML 12Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 13Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 14Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 15Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 16Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 17Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 18Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 19Page - Summit Microelectronics, Inc. SMM205NR30 Datasheet HTML 20Page - Summit Microelectronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 20 / 20 page
background image
SMM205
Preliminary Information
Summit Microelectronics, Inc
2069 1.4 6/23/03
20
PART MARKING
SUMMIT
SMM205N
AYYW W
Pin 1
Annn
Summit Part Number
Date Code (YYW W )
Part Number suffix
(Contains Customer specific ordering requirements)
Lot tracking code (Sum m it use)
Drawing not to scale
xx
Status Tracking Code
(Blank, MS, ES, 01, 02,...)
(Summit Use)
Product T racking Code (Summit use)
ORDERING INFORMATION
NOTICE
NOTE 1 -
This is a Preliminary Information data sheet that describes a Summit product currently in pre-production with limited characterization.
SUMMIT Microelectronics, Inc. reserves the right to make changes to the products contained in this publication in order to improve design,
performance or reliability. SUMMIT Microelectronics, Inc. assumes no responsibility for the use of any circuits described herein, conveys no
license under any patent or other right, and makes no representation that the circuits are free of patent infringement. Charts and schedules
contained herein reflect representative operating parameters, and may vary depending upon a user’s specific application. While the information in
this publication has been carefully checked SUMMIT Microelectronics, Inc. shall not be liable for any damages arising as a result of any error or
omission.
SUMMIT Microelectronics, Inc. does not recommend the use of any of its products in life support or aviation applications where the failure or
malfunction of the product can reasonably be expected to cause any failure of either system or to significantly affect their safety or effectiveness.
Products are not authorized for use in such applications unless SUMMIT Microelectronics, Inc. receives written assurances, to its satisfaction, that:
(a) the risk of injury or damage has been minimized; (b) the user assumes all such risks; and (c) potential liability of SUMMIT Microelectronics, Inc.
is adequately protected under the circumstances.
Revision 1.4 — This document supersedes all previous versions. Please check the Summit Microelectronics, Inc. web site for data sheet updates
www.summitmicro.com.
© Copyright 2003 SUMMIT MICROELECTRONICS, Inc.
Power Management for Communications™
I2C is a trademark of Philips Corporation.
SMM205
N nnn
Package
N=28 Lead QFN
Part Number Suffix (see page 18)
Summit Part Number
Specific requirements are contained in the suffix
such as Commercial or Industrial Temp Range,
Hex code, Hex code revision, etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20