| Moteur de recherche de fiches techniques de composants électroniques |
|
PDTC114TU Fiches technique(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC114TU Fiches technique(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 02 2 Philips Semiconductors Product specification PNP resistor-equipped transistors; R1 = 10 k Ω, R2 = open PDTA114T series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit driver. QUICK REFERENCE DATA DESCRIPTION PNP resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage −−50 V IO output current (DC) −−100 mA R1 bias resistor 10 − k Ω R2 open −−− PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE NPN COMPLEMENT PHILIPS EIAJ PDTA114TE SOT416 SC-75 11 PDTC114TE PDTA114TEF SOT490 SC-89 46 PDTC114TEF PDTA114TK SOT346 SC-59 23 PDTC114TK PDTA114TM SOT883 SC-101 DE PDTC114TM PDTA114TS SOT54 (TO-92) SC-43 TA114T PDTC114TS PDTA114TT SOT23 − *11(1) PDTC114TT PDTA114TU SOT323 SC-70 *23(1) PDTC114TU |