Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LAM67B Fiches technique(PDF) 18 Page - OSRAM GmbH

No de pièce LAM67B
Description  Mini TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LAM67B Fiches technique(HTML) 18 Page - OSRAM GmbH

Back Button LAM67B Datasheet HTML 13Page - OSRAM GmbH LAM67B Datasheet HTML 14Page - OSRAM GmbH LAM67B Datasheet HTML 15Page - OSRAM GmbH LAM67B Datasheet HTML 16Page - OSRAM GmbH LAM67B Datasheet HTML 17Page - OSRAM GmbH LAM67B Datasheet HTML 18Page - OSRAM GmbH LAM67B Datasheet HTML 19Page - OSRAM GmbH LAM67B Datasheet HTML 20Page - OSRAM GmbH LAM67B Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
LA M67B
18 Version 1.2 | 2018-04-16
Notes
The evaluation of eye safety occurs according to the standard IEC 62471:2006 (photo biological safety of
lamps and lamp systems). Within the risk grouping system of this IEC standard, the LED specified in this 
data sheet fall into the class exempt group (exposure time 10000 s). Under real circumstances (for expo-
sure time, eye pupils, observation distance), it is assumed that no endangerment to the eye exists from
these devices. As a matter of principle, however, it should be mentioned that intense light sources have a
high secondary exposure potential due to their blinding effect. As is also true when viewing other bright light 
sources (e.g. headlights), temporary reduction in visual acuity and afterimages can occur, leading to irrita-
tion, annoyance, visual impairment, and even accidents, depending on the situation.
Subcomponents of this LED contain, in addition to other substances, metal filled materials including silver. 
Metal filled materials can be affected by environments that contain traces of aggressive substances. There-
fore, we recommend that customers minimize LED exposure to aggressive substances during storage, pro-
duction, and use. LEDs that showed visible discoloration when tested using the described tests above did
show no performance deviations within failure limits during the stated test duration. Respective failure limits
are described in the IEC60810.
For further application related informations please visit www.osram-os.com/appnotes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21