Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PDTA114T Fiches technique(PDF) 2 Page - NXP Semiconductors

No de pièce PDTA114T
Description  PNP resistor-equipped transistors; R1 = 10 kOHM, R2 = open
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHILIPS [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA114T Fiches technique(HTML) 2 Page - NXP Semiconductors

  PDTA114T Datasheet HTML 1Page - NXP Semiconductors PDTA114T Datasheet HTML 2Page - NXP Semiconductors PDTA114T Datasheet HTML 3Page - NXP Semiconductors PDTA114T Datasheet HTML 4Page - NXP Semiconductors PDTA114T Datasheet HTML 5Page - NXP Semiconductors PDTA114T Datasheet HTML 6Page - NXP Semiconductors PDTA114T Datasheet HTML 7Page - NXP Semiconductors PDTA114T Datasheet HTML 8Page - NXP Semiconductors PDTA114T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Aug 02
2
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 10 k
Ω, R2 = open
PDTA114T series
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
PNP resistor-equipped transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−−50
V
IO
output current (DC)
−−100 mA
R1
bias resistor
10
−
k
Ω
R2
open
−−−
PRODUCT OVERVIEW
Note
1. * = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
PACKAGE
MARKING CODE
NPN COMPLEMENT
PHILIPS
EIAJ
PDTA114TE
SOT416
SC-75
11
PDTC114TE
PDTA114TEF
SOT490
SC-89
46
PDTC114TEF
PDTA114TK
SOT346
SC-59
23
PDTC114TK
PDTA114TM
SOT883
SC-101
DE
PDTC114TM
PDTA114TS
SOT54 (TO-92)
SC-43
TA114T
PDTC114TS
PDTA114TT
SOT23
−
*11(1)
PDTC114TT
PDTA114TU
SOT323
SC-70
*23(1)
PDTC114TU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14