| Moteur de recherche de fiches techniques de composants électroniques |
|
XC62FP3002ML Fiches technique(PDF) 1 Page - Torex Semiconductor |
|
|
|||||||||||||||||||||||||||||
XC62FP3002ML Fiches technique(HTML) 1 Page - Torex Semiconductor |
|
1 / 16 page ![]() Positive Voltage Regulators Series 285 3 The XC62FP series is a group of positive voltage output, three-pin regulators, that provide a high current even when the input/output voltage differential is small. Low power consumption and high accuracy is achieved through CMOS and laser trimming technologies. The XC62FP consists of a high-precision voltage reference, an error amplification circuit, and a current limited output driver. Transient response to load variations have improved in comparison to the existing series. SOT-23 (150mW), SOT-89 (500mW) and TO-92 (300mW) packages are available. Maximum Output Current : 250mA (within max. power dissipation, VOUT = 5.0V) Output Voltage Range : 2.0V ~ 6.0V in 0.1V increments (1.5V ~ 1.9V for custom products) Highly Accurate: Output voltage ±2% (±1% for semi-custom products) Low Power Consumption : Typ. 2.0 µA @ VOUT=5.0V Output Voltage Temperature Characteristics : Typ. ±100ppm/°C Input Stability : Typ. 0.2%/V Small Input-Output Differential :IOUT = 100mA @ VOUT = 5.0V with a 0.12V differential. Ultra Small Packages : SOT-23 (150mW) mini-mold, SOT-89 (500mW) mini-power mold TO-92 (300mW) GBattery Powered Equipment GPalmtops GPortable Cameras and Video Recorders GReference Voltage Sources NCMOS Low Power Consumption NSmall Input-Output Voltage Differential : 0.12V @ 100mA, 0.38V @ 200mA NMaximum Output Current : 250mA (VOUT=5.0V) NOutput Voltage Range : 2.0V~6.0V NHighly Accurate : ±2% (±1%) VIN VIN VOUT Vss RL CIN 1 µF (Tantalum) CL 1 µF (Tantalum) 0 1 2 3 02 4 6 8 10 Topr=25℃ 85℃ -40℃ XC62FP3002 (3V) Input Voltage:VIN (V) ■General Description ■Features ■Applications ■Typical Application Circuit ■Typical Performance Characteristic 03S_05XC62FP 02.10.7 5:18 PM ページ 285 |
Numéro de pièce similaire - XC62FP3002ML |
|
Description similaire - XC62FP3002ML |