Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM29DL32XG Fiches technique(PDF) 11 Page - Advanced Micro Devices

No de pièce AM29DL32XG
Description  32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMD [Advanced Micro Devices]
Site Internet  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM29DL32XG Fiches technique(HTML) 11 Page - Advanced Micro Devices

Back Button AM29DL32XG Datasheet HTML 7Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 8Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 9Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 10Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 11Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 12Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 13Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 14Page - Advanced Micro Devices AM29DL32XG Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 58 page
background image
February 9, 2005
Am29DL32xG
9
DA TA SH EET
Valid Combinations
Valid Combinations list configurations planned to be supported in
volume for this device. Consult the local AMD sales office to con-
firm availability of specific valid combinations and to check on
newly released combinations.
Valid Combinations for FBGA Packages
Order Number
Package Marking
AM29DL322GT70,
AM29DL322GB70
WDI,
WDIN,
WDF
D322GT70V,
D322GB70V
I, F
AM29DL323GT70,
AM29DL323GB70
D323GT70V,
D323GB70V
AM29DL324GT70,
AM29DL324GB70
D324GT70V,
D324GB70V
AM29DL322GT90,
AM29DL322GB90
D322GT90V,
D322GB90V
AM29DL323GT90,
AM29DL323GB90
D323GT90V,
D323GB90V
AM29DL324GT90,
AM29DL324GB90
D324GT90V,
D324GB90V
AM29DL322GT120,
AM29DL322GB120
D322GT12V,
D322GB12V
AM29DL323GT120,
AM29DL323GB120
D323GT12V,
D323GB12V
AM29DL324GT120,
AM29DL324GB120
D324GT12V,
D324GB12V
Valid Combinations for Fortified BGA Packages
Order Number
Package Marking
AM29DL322GT70,
AM29DL322GB70
PCI,
PCF
D322GT70P,
D322GB70P
I, F
AM29DL323GT70,
AM29DL323GB70
D323GT70P,
D323GB70P
AM29DL324GT70,
AM29DL324GB70
D324GT70P,
D324GB70P
AM29DL322GT90,
AM29DL322GB90
D322GT90P
D322GB90P
AM29DL323GT90,
AM29DL323GB90
D323GT90P,
D323GB90P
AM29DL324GT90,
AM29DL324GB90
D324GT90P,
D324GB90P
AM29DL322GT120,
AM29DL322GB120
D322GT12P,
D322GB12P
AM29DL323GT120,
AM29DL323GB120
D323GT12P,
D323GB12P
AM29DL324GT120,
AM29DL324GB120
D324GT12P,
D324GB12P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58