Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

F15560 Fiches technique(PDF) 29 Page - Ledil, Inc.

No de pièce F15560
Description  Mirella Reflector
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LEDIL [Ledil, Inc.]
Site Internet  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F15560 Fiches technique(HTML) 29 Page - Ledil, Inc.

Back Button F15560 Datasheet HTML 21Page - Ledil, Inc. F15560 Datasheet HTML 22Page - Ledil, Inc. F15560 Datasheet HTML 23Page - Ledil, Inc. F15560 Datasheet HTML 24Page - Ledil, Inc. F15560 Datasheet HTML 25Page - Ledil, Inc. F15560 Datasheet HTML 26Page - Ledil, Inc. F15560 Datasheet HTML 27Page - Ledil, Inc. F15560 Datasheet HTML 28Page - Ledil, Inc. F15560 Datasheet HTML 29Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
NOTE: The typical divergence will be changed by different color, chip size and chip position
tolerance. The typical total divergence is the full angle measured where the luminous intensity
is half of the peak value.
GENERAL INFORMATION
- Product series especially designed & optimized for series of LEDs.
- Special care taken to make light distribution as uniform as possible.
Note! Due to use of high power COB's with this product, special attention to proper thermal design is highly
recommended. LEDiL has no liability for direct, indirect or consecutive damages arising from the LEDiL
products being used outside of the recommended temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29