Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

OP830WSL Fiches technique(PDF) 2 Page - TT Electronics.

No de pièce OP830WSL
Description  NPN Phototransistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OP830WSL Fiches technique(HTML) 2 Page - TT Electronics.

  OP830WSL Datasheet HTML 1Page - TT Electronics. OP830WSL Datasheet HTML 2Page - TT Electronics. OP830WSL Datasheet HTML 3Page - TT Electronics. OP830WSL Datasheet HTML 4Page - TT Electronics. OP830WSL Datasheet HTML 5Page - TT Electronics. OP830WSL Datasheet HTML 6Page - TT Electronics. OP830WSL Datasheet HTML 7Page - TT Electronics. OP830WSL Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
NPN Phototransistor
OP800SL Series, OP800WSL Series
OP830SL Series, OP830WSL Series
Issue A
08/2016
Page 2
OPTEK Technology, Inc.
1645 Wallace Drive, Carrollton, TX 75006|Ph: +1 972 323 2200
www.optekinc.com | www.ttelectronics.com
OP800WSL, OP830WSL
OP800SL, OP830SL
Pin #
Transistor
1
Collector
2
Base
3
Emi er
Pin #
Transistor
1
Collector
2
Base
3
Emi er
1
2
OP830WSL
1
2
OP830SL
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
X THIS DIMENSIOIN CONTROLLED AT HOUSING SUR-
INCHES
[MILLIMETERS]
DIMENSIONS ARE IN:
X THIS DIMENSIOIN CONTROLLED AT HOUSING SUR-
1
2
OP800WSLSeries
OP800SL Series
Trans.
NPN
Base
Collector
Emitter
1
2



Html Pages

1 2 3 4 5 6 7 8