Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RFHCS362AG Fiches technique(PDF) 39 Page - Microchip Technology

No de pièce RFHCS362AG
Description  Code Hopping Encoder with UHF ASK/FSK Transmitter
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFHCS362AG Fiches technique(HTML) 39 Page - Microchip Technology

Back Button RFHCS362AG Datasheet HTML 35Page - Microchip Technology RFHCS362AG Datasheet HTML 36Page - Microchip Technology RFHCS362AG Datasheet HTML 37Page - Microchip Technology RFHCS362AG Datasheet HTML 38Page - Microchip Technology RFHCS362AG Datasheet HTML 39Page - Microchip Technology RFHCS362AG Datasheet HTML 40Page - Microchip Technology RFHCS362AG Datasheet HTML 41Page - Microchip Technology RFHCS362AG Datasheet HTML 42Page - Microchip Technology RFHCS362AG Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
© 2002 Microchip Technology Inc.
Preliminary
DS41189A-page 39
rfHCS362G/362F
FIGURE 7-3:
SYNCHRONIZATION WINDOW
Blocked
Entire Window
rotates to eliminate
use of previously
used codes
Single Operation
Window
Window
(32K Codes)
(16 Codes)
Double Operation
(resynchronization)
Window
(32K Codes)
Stored
Synchronization
Counter Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60