Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LCYW5SM Fiches technique(PDF) 21 Page - OSRAM GmbH

No de pièce LCYW5SM
Description  Signalling
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  OSRAM [OSRAM GmbH]
Site Internet  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LCYW5SM Fiches technique(HTML) 21 Page - OSRAM GmbH

Back Button LCYW5SM_18 Datasheet HTML 15Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 16Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 17Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 18Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 19Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 20Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 21Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 22Page - OSRAM GmbH LCYW5SM_18 Datasheet HTML 23Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
LCY W5SM
21 Version 1.3 | 2018-04-03
Disclaimer
Disclaimer
Language english will prevail in case of any discrepancies or deviations between the two language word-
ings.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may
contain dangerous substances.
For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version on the OSRAM OS webside.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest
sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For
packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to
invoice you for any costs incurred.
Product safety devices/applications or medical devices/applications
OSRAM OS components are not developed, constructed or tested for the application as safety relevant
component or for the application in medical devices.
In case Buyer – or Customer supplied by Buyer– considers using OSRAM OS components in product safety
devices/applications or medical devices/applications, Buyer and/or Customer has to inform the local sales
partner of OSRAM OS immediately and OSRAM OS and Buyer and /or Customer will analyze and coordi-
nate the customer-specific request between OSRAM OS and Buyer and/or Customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23