| Moteur de recherche de fiches techniques de composants électroniques |
|
LOR976 Fiches technique(PDF) 18 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
LOR976 Fiches technique(HTML) 18 Page - OSRAM GmbH |
|
18 / 20 page ![]() LO R976 18 Version 1.1 | 2018-03-29 Disclaimer Disclaimer Language english will prevail in case of any discrepancies or deviations between the two language word- ings. Attention please! The information describes the type of component and shall not be considered as assured characteristics. Terms of delivery and rights to change design reserved. Due to technical requirements components may contain dangerous substances. For information on the types in question please contact our Sales Organization. If printed or downloaded, please find the latest version on the OSRAM OS webside. Packing Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office. By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs incurred. Product safety devices/applications or medical devices/applications OSRAM OS components are not developed, constructed or tested for the application as safety relevant component or for the application in medical devices. In case Buyer – or Customer supplied by Buyer– considers using OSRAM OS components in product safety devices/applications or medical devices/applications, Buyer and/or Customer has to inform the local sales partner of OSRAM OS immediately and OSRAM OS and Buyer and /or Customer will analyze and coordi- nate the customer-specific request between OSRAM OS and Buyer and/or Customer. |