| Moteur de recherche de fiches techniques de composants électroniques |
|
CDB7121P Fiches technique(PDF) 5 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CDB7121P Fiches technique(HTML) 5 Page - Cirrus Logic |
|
5 / 8 page ![]() 5 DS1126DB1 CDB7121P 2.2 Free field acoustic test 2.2 Free field acoustic test Recommendations for accurate free field measurements are as follows: • Ensure calibrated test equipment is used for making measurements • Ensure CDB7121P acoustic port hole and reference mic are facing to the incoming sound pressure • Ensure CDB7121P and reference mic are placed close together with minimum placement error • The CDB7121P may be trimmed along the ‘Trim line’ to improve accuracy • Use a suitable test microphone—a free field reference microphone is recommended • Measurements should be performed within an anechoic environment Figure 2-2. Free field test setup with CDB7121P Free Field Reference Mic Test Speaker Power Anechoic Chamber Sound Pressure Level Standard Test Equipment Test Point Connections CDB7121P |