Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0305-2 Fiches technique(PDF) 4 Page - Lumberg

No de pièce 0305-2
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

0305-2 Fiches technique(HTML) 4 Page - Lumberg

  0305-2 Datasheet HTML 1Page - Lumberg 0305-2 Datasheet HTML 2Page - Lumberg 0305-2 Datasheet HTML 3Page - Lumberg 0305-2 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
03 033200
01/2018
4
Designation
Pole Number
PU (Pieces)
MDQ (Pieces)
033200 05-3
5
50
100
033200 08-1
8
50
100
Packaging:
sets of individual parts, partly pre-assembled, in plastic bags, in a cardboard box
of 4



Html Pages

1 2 3 4