Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0331 Fiches technique(PDF) 3 Page - Lumberg

No de pièce 0331
Description  Circular connectors with threaded joint M16 acc. to IEC 61076-2-106, IP40/IP67/IP68
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LUMBERG [Lumberg]
Site Internet  http://www.lumberg.com
Logo LUMBERG - Lumberg

0331 Fiches technique(HTML) 3 Page - Lumberg

  0331 Datasheet HTML 1Page - Lumberg 0331 Datasheet HTML 2Page - Lumberg 0331 Datasheet HTML 3Page - Lumberg 0331 Datasheet HTML 4Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
03 032200
01/2018
3
Montageschlüssel
wrench
0380
Kupplung
socket
032200
Stecker
plug
033200
Schirmung
shielding
*c
*a
flat gasket
*b
shielding connection
*c
pin configuration according to AISG C485
Associated products
Counterparts
�
0304-2
�
0314
�
0314-1
�
0314-2
�
0315
�
0315-1
�
0315-1 U
�
0315-2
�
0316
�
0316-1
�
0316-2
�
0317
�
0317-1
�
031798-1
�
031798-2
�
031799-2
�
0318
�
0318-1
�
0318-2
�
0331
�
0332
�
0332-1
�
033200
�
036000
�
0365
�
036500
Accessories
�
0322 C 16
�
0381
�
038199
�
038799
of 4



Html Pages

1 2 3 4