Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP112BIDRLR Fiches technique(PDF) 28 Page - Texas Instruments

Click here to check the latest version.
No de pièce TMP112BIDRLR
Description  High-Accuracy, Low-Power, Digital Temperature Sensors With SMBus and Two-Wire Serial Interface in SOT563
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TMP112BIDRLR Fiches technique(HTML) 28 Page - Texas Instruments

Back Button TMP112BIDRLR Datasheet HTML 24Page - Texas Instruments TMP112BIDRLR Datasheet HTML 25Page - Texas Instruments TMP112BIDRLR Datasheet HTML 26Page - Texas Instruments TMP112BIDRLR Datasheet HTML 27Page - Texas Instruments TMP112BIDRLR Datasheet HTML 28Page - Texas Instruments TMP112BIDRLR Datasheet HTML 29Page - Texas Instruments TMP112BIDRLR Datasheet HTML 30Page - Texas Instruments TMP112BIDRLR Datasheet HTML 31Page - Texas Instruments TMP112BIDRLR Datasheet HTML 32Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 28 / 32 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
TMP112AIDRLR
SOT-5X3
DRL
6
4000
180.0
8.4
1.98
1.78
0.69
4.0
8.0
Q3
TMP112AIDRLT
SOT-5X3
DRL
6
250
180.0
8.4
1.98
1.78
0.69
4.0
8.0
Q3
TMP112NAIDRLR
SOT-5X3
DRL
6
4000
180.0
8.4
1.98
1.78
0.69
4.0
8.0
Q3
TMP112NAIDRLT
SOT-5X3
DRL
6
250
180.0
8.4
1.98
1.78
0.69
4.0
8.0
Q3
PACKAGE MATERIALS INFORMATION
www.ti.com
9-Mar-2018
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32