Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MSK145 Fiches technique(PDF) 4 Page - Anaren Microwave

No de pièce MSK145
Description  HIGH POWER OP-AMP
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ANAREN [Anaren Microwave]
Site Internet  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK145 Fiches technique(HTML) 4 Page - Anaren Microwave

  MSK145 Datasheet HTML 1Page - Anaren Microwave MSK145 Datasheet HTML 2Page - Anaren Microwave MSK145 Datasheet HTML 3Page - Anaren Microwave MSK145 Datasheet HTML 4Page - Anaren Microwave MSK145 Datasheet HTML 5Page - Anaren Microwave MSK145 Datasheet HTML 6Page - Anaren Microwave MSK145 Datasheet HTML 7Page - Anaren Microwave MSK145 Datasheet HTML 8Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
APPLICATION CIRCUITS
Isolating Capacitive Loads
Motor Current a Function of VIN
Programmable Torque Circuit
Clamping Output for EMF-Generating Loads
The linear relationship of torque output to current input
of the modern torque motor makes this simple control cir-
cuit ideal for many material processing and testing appli-
cations. The sense resistor develops a feedback voltage
proportional to motor current and the small signal proper-
ties of the Power Op Amp insure accuracy. With this closed
loop operation, temperature induced impedance variations
of the motor winding are automatically compensated.
Replacing OPA501 with MSK541
When replacing the OPA501, OPA511, OPA512 or 3573
with the MSK541, it is not necessary to make any changes
in the current limit scheme. Since pin 2 is not connected in
the MSK541, the current limit resistor connected from pin
1 to pin 2 can be left in the circuit or removed.
8548-29 Rev. L 6/14



Html Pages

1 2 3 4 5 6 7 8