| Moteur de recherche de fiches techniques de composants électroniques |
|
XP-G Fiches technique(PDF) 24 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
XP-G Fiches technique(HTML) 24 Page - Cree, Inc |
|
24 / 28 page ![]() Copyright © 2009-2018 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC. Other trademarks, product, and company names are the property of their respective owners and do not imply specific product and/or vendor endorsement, sponsorship or association. 24 XLamp® Xp-G LED uL® recognized Component This product meets the requirements to be considered a UL Recognized Component with Level 4 enclosure consideration. The LED package or a portion thereof has been investigated as a fire and electrical enclosure per ANSI/UL 8750. vision Advisory WARNING: Do not look at an exposed lamp in operation. Eye injury can result. For more information about LEDs and eye safety, please refer to the LED Eye Safety application note. notEs - ContinuED |